Part Number Hot Search : 
BR350 N8264N HTE15 62L10PF AS6C2008 13156 RT9134PC 50502
Product Description
Full Text Search
 

To Download B40C800G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B40C800G THRU B380C800G
GLASS PASSIVATED SINGLE - PHASE BRIDGE RECTIFIER
Reverse Voltage - 65 to 600 Volts Forward Current - 0.9 Ampere
FEATURES
Case Style WOG
0.388 (9.86) 0.348 (8.84) 0.220 (5.6) 0.160 (4.1)
1.0 (25.4) MIN.
0.032 (0.81) 0.028 (0.71)
0.060 (1.52) 0.020 (0.51)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated chip junctions High case dielectric strength Typical IR less than 0.1 A High overload surge current Ideal for printed circuit boards High temperature soldering guaranteed: 260C/10 seconds, 0.375" (9.5mm) lead length 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.04 ounce, 1.1 grams
0.220 (5.6) 0.348 (8.84) 0.308 (7.82) 0.180 (4.6)
0.220 (5.6) 0.180 (4.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
B40 C800G
B80 C800G
B125 C800G
B250 C800G
B380 C800G
UNITS
Maximum repetitive peak reverse voltage Maximum RMS input voltage R + C-load Maximum average forward output current for free air operation at TA=45C R + L-load C-Load Maximum non-repetitive peak voltage Maximum DC blocking voltage Maximum peak working voltage Maximum repetitive peak forward surge current Peak forward surge current single sine wave on rated load at TJ=125C Rating for fusing at TJ=125C (t<100ms) Minimum series resistor C-load at VRMS = 10% Maximum load capacitance +50% -10% Maximum instantaneous forward voltage drop per leg at 0.9A Maximum reverse current at rated repetitive peak voltage per leg Typical thermal resistance per leg (NOTE 1) Operating junction temperature range Storage temperature range
NOTES:
VRRM VRMS I(AV) VRSM VDC VRWM IFRM IFSM I2t Rt CL VF IR RJA RJL TJ TSTG
65 40
125 80
200 125 0.9 0.8
400 250
600 380
Volts Volts Amps
100 65 90
200 125 180
350 200 300 10.0 45.0 10.0
600 400 600
1000 600 900
Volts Volts Volts Amps Amps A2sec
1.0 5000
2.0 2500
4.0 1000 1.0 10.0 36.0 11.0 -40 to +125 -40 to +150
8.0 500
12.0 200
Ohms F Volts A C/W C C
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. at 0.375" (9.5mm) lead lengths with 0.2 x 0.2"(5.5 x 5.5mm) copper pads.
4/98
RATINGS AND CHARACTERISTICS CURVES B40C800G THRU B380C800G
FIG.1 - DERATING CURVES OUTPUT RECTIFIED CURRENT FOR B40C800G...B125C800G FIG. 2 - DERATING CURVES FOR OUTPUT RECTIFIED CURRENT B250C800G...B380C800G BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE, AMPERES
1.0
BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE AMPERES
1.0
50 to 60 Hz RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTHS
0.8
CAPACITIVE LOAD
50 to 60 Hz RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTHS
0.8
CAPACITIVE LOAD 0 - 10F 10 - 100F > - 100F
0.6 0.4
0 - 10F 10 - 100F > - 100F
0.6
0.4
P.C.B. 0.375" (9.5mm)
P.C.B.
0.375" (9.5mm)
0.2
COPPER PADS 0.22 x 0.22" (5.5 x 5.5mm)
0.2
COPPER PADS 0.22 x 0.22" (5.5 x 5.5mm)
0 0
20
40
60
0
80
100
120 140
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, C
AMBIENT TEMPERATURE, C
FIG. 3 - MAXIMUM NON-REPETITIVE PEAK FORWARD CURRENT PER LEG
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS PER LEG
PEAK FORWARD SURGE CURRENT, AMPERES
50
INSTANTANEOUS FORWARD SURGE CURRENT, AMPERES
1 CYCLE
20 10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
40
TJ = 25C 10mS SINGLE SINE-WAVE
30 20 10 0 1.0
1
10
NUMBER OF CYCLES AT 50Hz
100
0.1
0.01 0.4
FIG.5 - TYPICAL REVERSE CHARACTERISTICS PER LEG
0.6
0.8
1.0
1.2
0.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=100C
FIG. 6 - TYPICAL JUNCTION CAPACITANCE PER LEG
100 1
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
10
0.1
TJ=25C
0.01
0
1.0 0.1 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
1.0
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of B40C800G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X